Part Number Hot Search : 
C944P 231K1 1837488 D5341 KCUSB3 BSS84 55473 CTGS104
Product Description
Full Text Search
 

To Download KOM-1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Monitor IC
KOM-1020
Features
Designed for CD-R and CD-RW Applications Frequency Characteristics : TYP. 70MHz Gain Control can be Changed by External Resistor (100 ~500 ) (100 Clear Mold Package of 6 pin available Function
DIMENSIONS
(Unit :
)
Applications
CD-R / CD-RW Optical Pick-up
DVD / CD-R / CD-RW Combo Pick-up
Absolute Maximum Ratings
Decsription Power Supply Voltage Power Dissipation Storage Temperature Symbol Vcc PD Tstg Ratings 7.0 240 - 40 ~ + 85 Unit
Block Diagram
Electro-Optical Characteristics
Parameter Supply Voltage Output Offset Voltage Cutoff Frequency Response Characteristics Automatic Calibration Power on Set up Time Automatic Calibration Time Operating Temperature Range Symbol Vcc VOS fc Tr,Tf Tsu Tacc Topr Characteristics 4.5 ~ 5.5V 8mV TYP 70 MHz TYP 5.0 ns MAX 150 ms MAX 100 us -20 ~+70 -
[Ta = 25 Condition
]
-3dB Point for 1MHz Modulated Signal Time(rise time, fall time) for a 1Vp-p Pulse During Power Up During Power Up -
1/1


▲Up To Search▲   

 
Price & Availability of KOM-1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X